Part Number Hot Search : 
16X5R BA7765AS 0505S 2SD1531 12003 PT6905 RF120 AM4520H
Product Description
Full Text Search
 

To Download ACTF4016 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
The ACTF4016/479.5/QCC8C is a one channel IF filter for receivers of satellite broadcasting system.
1.Package Dimension (QCC8C)
Pin 1 2 6 5 3, 7 4,8 Sign A B C D Data (unit: mm) 2.08 0.60 1.27 2.54 Connection Output Output Input Input Ground To be Grounded Case Ground Sign E F G H Data (unit: mm) 1.20 1.35 5.00 5.00
3.Equivalent LC Model and Test Circuit
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
4.Typical Frequency Response
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
5.Performance 5-1.Maximum Ratings (Ta=25 C)
Item DC Voltage Instantaneous DC Voltage Instantaneous AC Voltage Storage temperature range Operable temperature range Electrode between input or output Between any two electrodes between input or output Rating 10 V 3V 3 Vp-p -55 to +85 C -20 to +70 C 1/60s 50/60Hz Tstg Topr Note
5-2.Electronic Characteristics TA = 25 C Reference temperature: Terminating source impedance: ZS = 50 Terminating load impedance: ZL = 50 Characteristic
Centre Frequency Insertion attenuation 479.50 MHz (Reference level for the following data) Pass bandwidth Relative attenuation 467.50 MHz 469.50 MHz 471.50 MHz 487.50 MHz 489.50 MHz 491.50 MHz Amplitude ripple (p-p) Group delay ripple (p-p) (Delay Aperture=1.25MHz) 474.50 ... 484.50 MHz 473.50 ... 485.50 MHz TCf rel3dB fC B3dB rel ---5 -5 ------47 -13 -2.5 -4.0 -21 -47 0.6 14 -18 -30 -10 ---10 -30 1.5 40 -dB dB dB dB dB dB dB ns(p-p) ppm/K
Min.
----
Typ.
479.50 22.0 15.8
Max.
-24.0 --
Units
MHz dB MHz
Temperature coefficient of frequency
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com
Tel : +44 118 979 1238 Fax : +44 118 979 1283 Email: info@actcrystals.com
iCAUTION: Electrostatic Sensitive Device. Observe precautions for handling!
1. 2. The frequency f C is defined as the midpoint between the 3dB frequencies. Unless noted otherwise, all measurements are made with the filter installed in the specified test fixture that is connected to a 50 test system with VSWR1.2:1. The test fixture L and C are adjusted for minimum insertion loss at the filter centre frequency, f C. Note that insertion loss, bandwidth, and passband shape are dependent on the impedance matching component values and quality. Unless noted otherwise, specifications apply over the entire specified operating temperature range. The specifications of this device are based on the test circuit shown above and subject to change or obsolescence without notice. All equipment designs utilizing this product must be approved by the appropriate government agency prior to manufacture or sale. Our liability is only assumed for the Surface Acoustic Wave (SAW) component(s) per se, not for applications, processes and circuits implemented within components or assemblies.
3. 4. 5.
6.
In keeping with our ongoing policy of product evolvement and improvement, the above specification is subject to change without notice.
ISO9001: 2000 Registered - Registration number 6830/2 For quotations or further information please contact us at: 3 The Business Centre, Molly Millars Lane, Wokingham, Berks, RG41 2EY, UK
Issue : 1 C1 Date : SEPT 04
http://www.actcrystals.com


▲Up To Search▲   

 
Price & Availability of ACTF4016

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X